Part Number Hot Search : 
2N601 AD9060JE KT3153A9 ACM4002E MSC23 MAC905 DL6SNE XXXFZ
Product Description
Full Text Search
 

To Download MAL205154104E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors Power Economic Printed Wiring
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
* Large types with reduced dimensions, cylindrical aluminum case, insulated with a blue sleeve * Provided with keyed polarity * Long useful life: 12 000 hours at 85 C * High ripple current capability * High resistance to shock and vibration
Fig.1 Component outlines
high ripple current
RoHS
COMPLIANT
APPLICATIONS
162/163 PLL-PW
050/052 PED-PW
051/053 PEC-PW
long life 105 C
* General purpose, industrial, medical and audio/video systems * Standard and switched mode power supplies * Energy storage in pulse systems
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 051 25 x 30 to 40 x 100 680 F to 150 000 F 20 % 10 V to 100 V 200 V to 400 V - 40 C to + 85 C 5000 hours 12 000 hours 200 000 hours 500 hours IEC 60384-4/EN130300 40/085/56 68 F to 2200 F 053
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * Polarity of the terminals and `-' sign to indicate the negative terminal, visible from the top and/or side of the capacitor * Code number * Climatic category in accordance with IEC 60068
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 68 100 150 220 330 470 680 1000 1500 2200 UR (V) 10 16 25 40 63 25 x 30 100 25 x 30 25 x 40 30 x 40 35 x40 200 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 385 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 400 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 www.vishay.com 1
Document Number: 28346 Revision: 14-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors Power Economic Printed Wiring
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 3300 4700 6800 10 000 15 000 22 000 33 000 47 000 68 000 100 000 150 000 UR (V) 10 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 16 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 40 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 63 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 70 40 x 100 100 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 200 385 400 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
2.5
O D + 1 max. 10 0.1
-
2
-
1 L L + 5 max. 12.5 0.1 4.9 0.2
1.3 (3 x)
Case D = 25 mm Fig.2 Printed wiring pin version
Case D = 25 mm Fig.3 Mounting hole diagram viewed from component side
2.5
O D + 1 max.
-
3
2
-
3
15 0.1
L
L + 5 max.
1.3 (4 x) 7.5 0.1 17.5 0.1
4.9 0.2
Case D = 30 mm Fig. 4 Printed wiring pin version
Case D = 30 mm Fig.5 Mounting hole diagram viewed from component side
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346 Revision: 14-Aug-08
051/053 PEC-PW
Aluminum Capacitors Power Economic Printed Wiring
2.5
Vishay BCcomponents
O D + 1 max. 15 0.1
-
3
2
1
3
L
L + 5 max. 7.5 0.1 17.5 0.1 4.9 0.2 1.3 (4x)
MGB267-1
Case D = 35 mm Fig.6 Printed wiring pin version
Case D = 35 mm Fig. 7 Mounting hole diagram viewed from component side
2.5
3
4
O D + 1 max.
2
20 0.1
1
L
L + 5 max. 10 0.1 17.5 0.1 5.1 0.1 20 0.1
1.3 (5 x)
Case D = 40 mm Fig.8 Printed wiring pin version Table 1
Case D = 40 mm Fig.9 Mounting hole diagram viewed from component side
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES PW versions
NOMINAL CASE SIZE ODxL 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 O Dmax. 26 26 31 36 36 41 41 41 41 Lmax. 35 45 45 45 55 45 55 75 105 MASS (g) 24 28 38 51 66 78 82 110 176 PACKAGING QUANTITIES (units per box) 100 100 100 50 50 50 50 25 25 CARDBOARD BOX DIMENSIONS LxWxH 290 x 280 x 50 290 x 280 x 60 340 x 330 x 60 390 x 198 x 60 390 x 198 x 70 440 x 223 x 60 440 x 223 x 70 230 x 230 x 90 230 x 230 x 120
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple current and/or temperature is applied. Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
Document Number: 28346 Revision: 14-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 3
051/053 PEC-PW
Vishay BCcomponents
.
Aluminum Capacitors Power Economic Printed Wiring
ORDERING EXAMPLE
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z Note 1. Unless otherwise specified, all electrical values in Tables 2 and 3 apply at Tamb = 20 C, P = 86 kPa to 106 kPa, RH = 45 % to 75 % Table 2 DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz, 85 C or at 20 kHz, 70 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
Electrolytic capacitor 051 series 10 000 F/25 V; 20 % Nominal case size: O 30 mm x 40 mm Ordering code: MAL2 051 56103 E3 Former 12NC: 2222 051 56103
ELECTRICAL DATA AND ORDERING INFORMATION 051 SERIES
UR (V) CR 100 Hz (F) 10 000 15 000 22 000 33 000 47 000 47 000 68 000 100 000 150 000 6800 10 000 15 000 22 000 33 000 33 000 47 000 68 000 100 000 4700 6800 10 000 15 000 22 000 22 000 33 000 47 000 68 000 3300 4700 6800 10 000 15 000 15 000 22 000 33 000 47 000 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 85 C (A) 3.1 4.1 5.0 5.5 6.8 5.8 7.1 9.2 12.0 3.1 4.0 5.0 5.5 6.7 5.7 7.0 9.2 12.0 2.9 3.9 4.8 5.3 6.5 5.7 7.0 9.2 12.0 2.9 3.8 4.7 5.2 6.3 5.6 5.8 7.8 10.4 IR 20 kHz 70 C (A) 5.9 7.8 9.5 10.4 12.9 10.4 13.5 17.4 22.7 5.9 7.6 9.5 10.4 12.7 10.8 13.3 17.4 22.7 5.5 7.4 9.1 10.0 12.3 10.8 13.3 17.4 22.7 5.5 7.2 8.9 9.8 11.9 10.6 11.0 14.8 19.7 IL1 1 MIN. (mA) 0.60 0.90 1.32 1.98 2.82 2.82 4.08 6.00 9.00 0.65 0.96 1.44 2.12 3.17 3.17 4.52 6.53 9.60 0.71 1.02 1.50 2.25 3.30 3.30 4.95 7.05 10.20 0.80 1.13 1.64 2.40 3.60 3.60 5.28 7.92 11.28 IL5 5 MIN. (mA) 0.20 0.30 0.44 0.66 0.94 0.94 1.36 2.00 3.00 0.22 0.32 0.48 0.71 1.06 1.06 1.51 2.18 3.20 0.24 0.34 0.50 0.75 1.10 1.10 1.65 2.35 3.40 0.27 0.38 0.55 0.80 1.20 1.20 1.76 2.64 3.76 ESR 100 Hz (m) 51 37 30 28 23 29 24 19 16 53 39 31 29 23 30 24 19 16 60 42 34 30 24 31 25 19 16 87 62 49 48 37 50 39 28 22 Z 10 kHz (m) 40 30 25 24 20 22 20 16 14 42 34 27 26 21 24 20 16 14 42 34 27 26 21 24 20 16 14 63 47 38 37 28 35 28 21 17 ORDERING CODE MAL2051...... 54103E3 54153E3 54223E3 54333E3 54473E3 44473E3 54683E3 54104E3 54154E3 55682E3 55103E3 55153E3 55223E3 55333E3 45333E3 55473E3 55683E3 55104E3 56472E3 56682E3 56103E3 56153E3 56223E3 46223E3 56333E3 56473E3 56683E3 57332E3 57472E3 57682E3 57103E3 57153E3 47153E3 57223E3 57333E3 57473E3
10
16
25
40
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346 Revision: 14-Aug-08
051/053 PEC-PW
Aluminum Capacitors Power Economic Printed Wiring
ELECTRICAL DATA AND ORDERING INFORMATION 051 SERIES
UR (V) CR 100 Hz (F) 2200 3300 4700 6800 10 000 10 000 15 000 22 000 680 1000 1500 2200 3300 3300 4700 6800 10 000 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 85 C (A) 2.5 3.3 4.1 4.5 5.4 4.6 7.5 10.0 1.74 2.34 2.95 3.69 4.37 4.16 5.21 6.97 9.50 IR 20 kHz 70 C (A) 4.7 6.2 7.8 8.5 10.2 8.7 14.2 19.0 3.30 4.44 5.59 7.00 8.29 7.89 9.88 13.22 18.00 IL1 1 MIN. (mA) 0.84 1.25 1.78 2.57 3.78 3.78 5.67 8.32 0.41 0.60 0.90 1.32 1.98 1.98 2.82 4.08 6.00 IL5 5 MIN. (mA) 0.28 0.42 0.60 0.86 1.26 1.26 1.89 2.77 0.14 0.20 0.30 0.44 0.66 0.66 0.94 1.36 2.00 ESR 100 Hz (m) 83 58 49 48 37 52 29 22 190 130 95 71 55 64 49 35 26 Z 10 kHz (m) 62 42 38 37 28 37 24 19 130 90 67 53 41 48 38 28 21 ORDERING CODE MAL2051...... 58222E3 58332E3 58472E3 58682E3 58103E3 48103E3 58153E3 58223E3 59681E3 59102E3 59152E3 59222E3 59332E3 49332E3 59472E3 59682E3 59103E3
Vishay BCcomponents
63
100
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION 053 SERIES
UR (V) CR 100 Hz (F) 150 220 330 470 680 680 1000 1500 2200 68 100 150 220 330 330 470 680 1000 68 100 150 220 330 330 470 680 1000 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 85 C (A) 0.70 0.94 1.27 1.66 2.19 2.17 2.86 3.81 5.20 0.47 0.64 0.90 1.15 1.53 1.52 1.96 2.70 3.70 0.54 0.73 0.98 1.28 1.67 1.67 2.12 2.90 4.05 IR 20 kHz 70 C (A) 1.33 1.78 2.41 3.15 4.15 4.11 5.42 7.22 9.86 0.89 1.21 1.71 2.18 2.90 2.88 3.72 5.12 7.02 1.02 1.38 1.86 2.43 3.17 3.17 4.02 5.50 7.68 IL1 1 MIN. (mA) 0.18 0.26 0.40 0.57 0.82 0.82 1.20 1.80 2.64 0.16 0.23 0.35 0.51 0.77 0.77 1.09 1.58 2.31 0.16 0.24 0.36 0.52 0.79 0.79 1.12 1.63 2.40 IL5 5 MIN. (mA) 0.06 0.09 0.14 0.19 0.28 0.28 0.40 0.60 0.88 0.06 0.08 0.12 0.17 0.26 0.26 0.36 0.53 0.78 0.06 0.08 0.12 0.17 0.26 0.26 0.37 0.54 0.80 ESR 100 Hz (m) 1000 680 460 320 220 220 150 110 80 2200 1500 1000 680 450 450 320 220 180 2100 1400 950 650 480 480 340 235 160 Z 10 kHz (m) 770 525 360 250 170 170 115 85 60 1480 1020 700 480 340 340 260 190 140 1000 780 520 400 280 280 220 155 110 ORDERING CODE MAL2053...... 52151E3 52221E3 52331E3 52471E3 52681E3 42681E3 52102E3 52152E3 52222E3 58689E3 58101E3 58151E3 58221E3 58331E3 48331E3 58471E3 58681E3 58102E3 56689E3 56101E3 56151E3 56221E3 56331E3 46331E3 56471E3 56681E3 56102E3
200
385
400
Document Number: 28346 Revision: 14-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 5
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors Power Economic Printed Wiring
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Case O D = 25 mm Equivalent series inductance (ESL) Case O D = 30 and 35 mm Case O D = 40 mm max. 25 nH max. 30 nH max. 35 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A 250 V versions 385 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V CONDITIONS VALUE
CAPACITANCE (C)
1.1 1.1 C C0 1.0 1 1 0.9 2, 3 0.8 C0 = capacitance at 20 C, 100 Hz 0.8 - 40 - 20 0 20 40 60 80 100 10 C0 = capacitance at 20 C, 100 Hz 10 2 10 3 4 10 4 0.9 3 2 Curve 1: UR = 100 V and 200 V Curve 2: UR = 10 V, 16 V, 25 V, 40 V and 63 V Curve 3: UR = 385V C C 2 1, 3 Curve 1: UR = 100 V and 200 V Curve 2: UR = 40 V and 63 V Curve 3: UR = 25 V and 385 V Curve 4: UR = 10 V and 16 V
0
1.0
4 1
f (Hz)
Tamb (C)
Fig.10 Typical multiplier of capacitance as a function of ambient temperature.
Fig.11 Typical multiplier of capacitance as a function of frequency.
EQUIVALENT SERIES RESISTANCE (ESR)
102
1.4 ESR () 1.2
3 2 1
Curve 1: UR = 10 V, 16 V and 25 V Curve 2: UR = 40 V, 63 V and 385 V Curve 3: UR = 100 V and 200 V
ESR ESR0 10
1
Curve 1: UR = 385 V Curve 2: UR = 100 V and 200 V Curve 3: UR = 10 V and 63 V
2 3
1.0
1
0.8
1 2
3 2 1 ESR0 = typical at 20 C, 100 Hz
0.6 ESR0 = typical at 20 C, 100 Hz 10 10 2 10 3
3
10-1
Case O D x L = 25 x 30, 25 x 40, 30 x 40, and 35 x 40 mm - 50 0 50 100 Tamb (C)
10 4
5 f (Hz) 10
Fig.12 Typical multiplier of typical ESR as a function of frequency.
Fig.13 Typical multiplier of ESR as a function of ambient temperature.
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346 Revision: 14-Aug-08
051/053 PEC-PW
Aluminum Capacitors Power Economic Printed Wiring
EQUIVALENT RESISTANCE (ESR)
102 ESR ESR0 10 2 3 4 1 4 2, 3 1 ESR0 = typical at 20 C, 100 Hz 10-1 Case O D x L = 35 x 50, 40 x 40, 40 x 50, 40 x 70 and 40 x 100 mm - 50 0 50 100 Tamb (C) 10
-1
Vishay BCcomponents
IMPEDANCE (Z)
102 Curve 1: UR = 385 V Curve 2: UR = 200 V Curve 3: UR = 100 V Curve 4: UR = 10 V to 63 V
1
Curve 1: UR = 385 V Curve 2: UR = 200 V Curve 3: UR = 100 V Curve 4: UR = 10 V to 63 V
Z Z0 10
1 2 3 4
1
4 2, 3 1 Z0 = impedance at 20 C, 10 kHz Case O D x L = 25 x 30, 25 x 40, 30 x 40, and 35 x 40 mm - 50 0 50 100 Tamb (C)
Fig.14 Typical multiplier of ESR as a function of ambient temperature.
102 Z Z0 10 Curve 1: UR = 385 V Curve 2: UR = 200 V Curve 3: UR = 100 V Curve 4: UR = 10 V to 63 V
Fig.15 Typical multiplier ofimpedance as a function of ambient temperature
10 2 1 Z () 10 3 4 5 6 7 8 2 Curve 1: 68 F, 385 V Curve 2: 150 F, 200 V Curve 3: 680 F, 100 V Curve 4: 2200 F, 63 V Curve 5: 3300 F, 40 V Curve 6: 4700 F, 25 V Curve 7: 6800 F, 16 V Curve 8: 10 000 F, 10 V
1
2 3 4 1 4 3 2 1 Z0 = impedance at 20 C, 100 Hz
1
10-1
10-1
Case O D x L = 35 x 50, 40 x 40, 40 x 50, 40 x 70 and 40 x 100 mm - 50 0 50 100 Tamb (C)
10 -2
Case O D x L = 25 x 30 mm 10 2 10 3 10 4 105 106 f (Hz) 10 7 Tamb (20 C)
10
Fig.16 Typical multiplier of impedance as a function of ambient temperature.
Fig.17 Typical impedance as a function of frequency.
10 2 Z () 10
3 4 5 6 7 8 1 2
10 Curve 1: 100 F, 385 V Curve 2: 220 F, 200 V Curve 3: 1000 F, 100 V Curve 4: 3300 F, 63 V Curve 5: 4700 F, 40 V Curve 6: 6800 F, 25 V Curve 7: 10 000 F, 16 V Curve 8: 15 000 F, 10 V
2
Z () 10
1 2 3
1
1
4 5 6 7 8
Curve 1: 150 F, 385 V Curve 2: 330 F, 200 V Curve 3: 1500 F, 100 V Curve 4: 4700F, 63 V Curve 5: 6800 F, 40 V Curve 6: 10 000 F, 25 V Curve 7: 15 000 F, 16 V Curve 8: 22 000 F, 10 V
10-1
10-1
10 -2
Case O D x L = 25 x 40 mm 10
2
10 -2 10
4
Case O D x L = 25 x 40 mm 10 2 10 3 10 4 105 106 f (Hz) 10 7 Tamb (20 C)
10
10
3
10
5
10 f (Hz) 10 Tamb (20 C)
6
7
10
Fig.18 Typical impedance as a function of frequency
Fig. 19 Typical impedance as a function of frequency.
Document Number: 28346 Revision: 14-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 7
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors Power Economic Printed Wiring
IMPEDANCE (Z)
10
2
10 Case O D x L = 35 x 50 mm and 35 x 40 mm 1 2 3 Curve 1: 220 F, 385 V Curve 2: 4700 F, 200 V Curve 3: 2200 F, 100 V Curve 4: 6800F, 63 V Curve 5: 10 000 F, 40 V Curve 6: 15 000 F, 25 V Curve 7: 22 000 F, 16 V Curve 8: 33 000 F, 10 V
2
Z () 10
Z () 10
Case O D x L = 40 x 40 mm
1 2
1 4 5 6 7 8
1
3 4
Curve 1: 330 F, 385 V Curve 2: 680 F, 200 V Curve 3: 3300 F, 100 V Curve 4: 10 000F, 63 V Curve 5: 15 000 F, 40 V Curve 6: 22 000 F, 25 V Curve 7: 33 000 F, 16 V Curve 8: 47 000 F, 10 V
10
-1
10
-1
5 6 7 8
10 -2 10 10
2
10 -2 10
3
10
4
10
5
10 f (Hz) 10 Tamb (20 C)
6
7
10
10 2
10 3
10 4
105
106 f (Hz) 10 7 Tamb (20 C)
Fig.20 Typical impedance as a function of frequency.
2
Fig.21 Typical impedance as a function of frequency.
2
10
10
Case O D x L = 40 x 50 mm Curve 1: 470 F, 385 V Curve 2: 1000 F, 200 V Curve 3: 47 00 F, 100 V Curve 4: 22 000 F, 40 V Curve 5: 33 000 F, 25 V Curve 6: 47 000 F, 16 V Curve 7: 68 000 F, 10 V
Case O D x L = 40 x 100 mm Z () 10 1 2 1
Z () 10
1 2
Curve 1: 680 F, 385 V Curve 2: 1500 F, 200 V Curve 3: 6800 F, 100 V Curve 4: 15 000F, 63 V Curve 5: 33 000 F, 40 V Curve 6: 47 000 F, 25 V Curve 7: 68 000 F, 16 V
1
3
3 4 5 6 7
10 -1
4 5 6 7 8
10
10 -2 10 10 2 10 3 10 4 105 106 f (Hz) 10 7 Tamb (20 C)
10 -2 10 10 2 10 3 10 4 105 106 f (Hz) 10 7 Tamb (20 C)
Fig.22 Typical impedance as a function of frequency.
2
Fig.23 Typical impedance as a function of frequency.
10
Case O D x L = 40 x 100 mm Z () 10 1 2 1 3 10 4 5 6 7 8
Curve 1: 1000 F, 385 V Curve 2: 2200 F, 200 V Curve 3: 10 000 F, 100 V Curve 4: 22 000 F, 63 V Curve 5: 47 000 F, 40 V Curve 6: 68 000 F, 25 V Curve 7: 100 000 F, 16 V
10 -2 10 10 2 10 3 10 4 105 106 f (Hz) 10 7 Tamb (20 C)
Fig.24 Typical impedance as a function of frequency.
www.vishay.com 8
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346 Revision: 14-Aug-08
051/053 PEC-PW
Aluminum Capacitors Power Economic Printed Wiring
RIPPLE CURRENT AND USEFUL LIFE
2.4 IA 2.3 IR 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4
4 3 2 5 2.
MGA453
Vishay BCcomponents
life multiplier
1 2 1. 5 1.
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz and 85 C (1) Useful life at 85 C and IR applied: 12 000 hours Fig.25 Multiplier of useful life as a function of ambient temperature and ripple current load. Table 4
1.3
8
5
1.2 1.1 1.0 0.8 0.5 0.0
10 15 20 30 45 0 6
(1)
40
50
60
70
80
90 Tamb (C)
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 Table 5 IR MULTIPLIER 0.83 1.00 1.10 1.15 1.19 1.20
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 5000 hours REQUIREMENTS UR 100 V; C/C: 15 % UR > 100 V; C/C: 10 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR 100 V; C/C: 45 % UR > 100 V; C/C: 30 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: UR 100 V: 1 %; UR > 100 V: 3 % C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit
Useful life
CECC 30301 subclause 1.8.1
Tamb = 85 C; UR and IR applied; 12 000 hours
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 85 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement
Document Number: 28346 Revision: 14-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 9
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL205154104E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X